Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FTL53ALCMB Fiches technique(PDF) 1 Page - Optronics International

No de pièce FTL53ALCMB
Description  LED 4" Front Turn Signal for Grommet Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OPTRONICS [Optronics International]
Site Internet  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

FTL53ALCMB Fiches technique(HTML) 1 Page - Optronics International

  FTL53ALCMB Datasheet HTML 1Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
FTL53 SERIES
LED 4" Front Turn Signal for Grommet Mount
Sonically sealed, waterproof
Meets EMC requirements
Mount in any 360­degree position
Dual power: use with 12VDC and 24VDC systems
Available in bulk and polypack packaging
Lifetime LED Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
FTL53ALCMB
FTL53ALCMBP
7
7­LED yellow front turn signal and parking
light, weathertight connection, 12­24V [I7
P]
10
FTL53ALCPG
FTL53ALCPGP
10
10­LED yellow front turn signal and parking
light, hard wired (red=turn, black=park,
white=ground), 10­in. leads with Deutsch
connector, 12­24V [I6 I7 P]
10
Accessories
Bulk
Polypack
Diodes
Description
Qty
A45GB
A45GBP
PVC grommet for 4" lights, flush mount, (Hole
cut­out: 4.5")
50
Specifications
FMVSS:
I6 or I7, P
MATERIALS:
Polycarbonate lens and housing
VOLT/AMP:
12.8VDC ­ Turn 0.357A, Park 0.014A
WT/DIMS:
0.265 lbs. / 4.313 x 4.313
WARRANTY:
Lifetime LED Warranty


Numéro de pièce similaire - FTL53ALCMB

FabricantNo de pièceFiches techniqueDescription
logo
Finisar Corporation.
FTL-1319-3D FINISAR-FTL-1319-3D Datasheet
181Kb / 9P
RoHS Compliant Long-Wavelength GBIC Transceiver
FTL-1319-3D-2.5 FINISAR-FTL-1319-3D-2.5 Datasheet
187Kb / 9P
RoHS Compliant Long-Wavelength GBIC Transceiver
FTL-1419-3D FINISAR-FTL-1419-3D Datasheet
171Kb / 9P
RoHS Compliant 40km Extended Reach GBIC Transceiver
FTL-1519-3D FINISAR-FTL-1519-3D Datasheet
246Kb / 9P
RoHS Compliant 80km Extended Reach GBIC Transceiver
FTL-1619-47 FINISAR-FTL-1619-47 Datasheet
93Kb / 9P
CWDM GBIC Transceiver with APD Receiver
More results

Description similaire - FTL53ALCMB

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9878 AD-AD9878 Datasheet
749Kb / 36P
Mixed-Signal Front End for Broadband Applications
3/05-Rev. 0 to Rev. A
logo
Dialight Corporation
41071A DIALIGHT-41071A Datasheet
108Kb / 1P
4' Round LED Rear Turn Signal Lamps
46071RT-802 DIALIGHT-46071RT-802 Datasheet
105Kb / 1P
4' Round LED Stop/Tail/Turn Lamps
TFP-AA-13T-13 DIALIGHT-TFP-AA-13T-13 Datasheet
87Kb / 1P
Tactical Composite Front Park Turn Light
logo
Analog Devices
AD9878 AD-AD9878_15 Datasheet
755Kb / 36P
Mixed-Signal Front End for Broadband Applications
REV. A
logo
Lumileds Lighting Compa...
DS58 LUMILEDS-DS58 Datasheet
2Mb / 24P
Styling solution for front turn and side marker applications
PB58 LUMILEDS-PB58 Datasheet
1Mb / 2P
Styling solution for front turn and side marker applications
logo
Molex Electronics Ltd.
1202310031 MOLEX-1202310031 Datasheet
42Kb / 1P
Brad M23 Signal Connector, Front Panel-Mount Receptacle
logo
CONEC Elektronische Bau...
795-305420 CONEC-795-305420 Datasheet
147Kb / 1P
SEALING GROMMET for Hood 9pos. for front panel mounted 9.9mm
17.12.07
795-305490 CONEC-795-305490 Datasheet
60Kb / 1P
SEALING GROMMET for Hood 15pos. for front panel mounted 9.9mm
15.10.2009
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com