Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7112963 Fiches technique(PDF) 7 Page - Whirlpool.

No de pièce 7112963
Description  How to install, operate and maintain your Demand Controlled Water Softener
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WHIRLPOOL [Whirlpool.]
Site Internet  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

7112963 Fiches technique(HTML) 7 Page - Whirlpool.

Back Button 7112963 Datasheet HTML 3Page - Whirlpool. 7112963 Datasheet HTML 4Page - Whirlpool. 7112963 Datasheet HTML 5Page - Whirlpool. 7112963 Datasheet HTML 6Page - Whirlpool. 7112963 Datasheet HTML 7Page - Whirlpool. 7112963 Datasheet HTML 8Page - Whirlpool. 7112963 Datasheet HTML 9Page - Whirlpool. 7112963 Datasheet HTML 10Page - Whirlpool. 7112963 Datasheet HTML 11Page - Whirlpool. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
Installation Requirements
VALVE DRAIN REQUIREMENTS
Using the flexible drain hose (included), measure and
cut to the length needed. Flexible drain hose is not
allowed in all localities (check your plumbing codes). If
local codes do not allow use of a flexible drain hose, a
rigid valve drain run must be used. Purchase a com-
pression fitting (1/4 NPT x 1/2 in. minimum tube) and
1/2" tubing from your local hardware store. Plumb a
rigid drain as needed (See Figure 5).
NOTE: Avoid drain hose runs longer than 30 feet.
Avoid elevating the hose more than 8 feet
above the floor. Make the valve drain line as
short and direct as possible.
INLET / OUTLET PLUMBING OPTIONS
Always install either a single bypass valve (provided),
as shown in Figure 6, or, if desired, parts for a 3 valve
bypass system (not included) can be purchased and
assembled, as shown in Figure 7. Bypass valves
allow you to turn off water to the softener for mainte-
nance if needed, but still have water in house pipes.
Pipe fittings must be 3/4” minimum.
Use:
=
Copper pipe
=
Threaded pipe
=
PEX (Crosslinked Polyethylene) pipe
=
CPVC plastic pipe
=
Other pipe approved for use with potable water
IMPORTANT: Do not solder with plumbing attached to
installation adaptors and single bypass
valve. Soldering heat will damage the
adaptors and valve.
FIG. 6
FIG. 7
SINGLE BYPASS VALVE
Pull out for “Service”
(Soft water)
Push in for
“Bypass”
3 VALVE BYPASS
From Water
Softener
To Water
Softener
Inlet
Valve
Outlet
Valve
Bypass
Valve
FIG. 4
FIG. 5
1/4” NPT
Thread
Clip
Barbs
1/4 NPT
Threads
1/2” Outside Dia.
Copper Tube
(not included)
Compression Fitting.
1/4 NPT x 1/2” O.D.
Tube (not included)
Cut barbs from drain fit-
ting (pull clip to remove
fitting from valve)
Barbs for 3/8”
I.D. Tubing
Drain Hose
Hose Clamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23