| Moteur de recherche de fiches techniques de composants électroniques |
|
M58MR032-ZCT Fiches technique(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M58MR032-ZCT Fiches technique(HTML) 47 Page - STMicroelectronics |
|
47 / 52 page ![]() 47/52 M58MR032C, M58MR032D Table 34. Command Interface States - Modify table Current State of the Other Partition Current State of the Current Partition Command Input to the Current Partition (and Next State of the Current Partition) Mode State Others Program Setup (10h/40h) Block Erase Setup (20h) Program-Erase Suspend (B0h) OTP Setup (C0h) Multiple Program Setup (30h/55h) Bank Erase Setup (80h) Setup Read Array, CFI, Electronic Signature, Status Register SEE LOCK TABLE Read Array Read Array Read Array Read Array Read Array Read Array Busy Idle Program setup Block Erase Setup OTP Setup Multiple Program Setup Bank Erase Setup Erase Suspend Read Array Read Array Read Array Program Suspend Read Array Read Array Setup Protect Unprotect-Lock/ RCR Error, Protect- Unprotect- LockBlock, Set RCR SEE LOCK TABLE Read Array Read Array Read Array Read Array Read Array Read Array Busy Idle Program setup Block Erase Setup OTP Setup Multiple Program Setup Bank Erase Setup Erase Suspend Read Array Read Array Read Array Program Suspend Read Array Read Array Idle Protection Register Setup Protection Register (Busy) Protection Register (Busy) Protection Register (Busy) Protection Register (Busy) Protection Register (Busy) Protection Register (Busy) Protection Register (Busy) Setup Busy Busy Done SEE LOCK TABLE Read Array Read Array Read Array Read Array Read Array Read Array Idle Program Setup Block Erase Setup OTP Setup Multiple Program Setup Bank Erase Setup Erase Suspend Read Array Read Array Read Array Program Suspend Read Array Read Array Any State Program- Multiple Program Setup Program (Busy) Program (Busy) Program (Busy) Program (Busy) Program (Busy) Program (Busy) Program (Busy) Idle Busy PS Read Status Register Setup Done SEE LOCK TABLE Read Array Read Array Read Array Read Array Read Array Read Array Busy Idle Program Setup Block Erase Setup OTP Setup Multiple Program Setup Bank Erase Setup Erase Suspend Read Array Read Array Read Array Program Suspend Read Array Read Array Setup Program Suspend Read Array, CFI, Elect. Sign., Status Register SEE LOCK TABLE PS Read Array PS Read Array PS Read Array PS Read Array PS Read Array PS Read Array Idle Erase Suspend Idle Block-Bank Erase Setup SEE LOCK TABLE Erase Error Erase Error Erase Error Erase Error Erase Error Erase Error Busy Erase (Busy) Erase (Busy) Erase (Busy) ES Read Status Register Erase (Busy) Erase (Busy) Erase (Busy) Setup Erase Suspend Read Array, CFI, Elect. Sign., Status Register SEE LOCK TABLE ES Read Array ES Read Array ES Read Array ES Read Array ES Read Array ES Read Array Busy Idle Program Setup Multiple Program Setup Program Suspend ES Read Array ES Read Array |