| Moteur de recherche de fiches techniques de composants électroniques |
|
64.14X15 Fiches technique(PDF) 1 Page - FACOM. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
64.14X15 Fiches technique(HTML) 1 Page - FACOM. All rights reserved. |
|
|
1 / 1 page ![]() Price Each Size (mm) Order Code 6 x 7 137-5423 8 x 9 137-5424 10 x 11 137-5425 12 x 13 137-5426 14 x 15 137-5427 16 x 18 137-5429 17 x 19 137-5431 21 x 23 137-5432 22 x 24 137-5433 Price Each Size (in) Order Code 1/4 x 5/16 137-5434 5/16 x 11/ 32 137-5435 3/8 x 7/16 137-5436 1/2 x 9/16 137-5437 5/8 x 11/16 137-5438 3/4 x 13/16 137-5439 7/8 x 15/16 137-5440 487862 64 Series Chrome plated for corrosion protection. 72 tooth mechanism giving a 5° minimum working arc. Both rings feature OGV drive - increasing grip and reducing fastener wear. Flat Ratcheting Ring Wrenches |
Description similaire - 64.14X15 |