| Moteur de recherche de fiches techniques de composants électroniques |
|
CTJ2QLP Fiches technique(PDF) 8 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CTJ2QLP Fiches technique(HTML) 8 Page - Clarke International |
|
8 / 16 page ![]() 8 TROUBLESHOOTING PROBLEM CAUSE SOLUTION Jack will not lift the rated load Low oil level See ‘Checking the Oil Level‘on p 6 Valve not closed Turn the release knob fully clockwise Air in the system Purge the system as on p 5 Jack lower when under load Release valve not fully closed Turn the release knob fully clockwise Air in the system Purge the system as on p 5 Pump feels Spongy Low oil level See ‘Checking the Oil Level‘on p 6 Air in the system Purge the system as on page 5 Jack will not lift full height Low oil level See ‘Checking the Oil Level‘on p 6 Air in the system Purge the system as on p 5 Jack will not lower completely Return spring may be faulty Return to your Clarke dealer for repair If any of these remedies fail to restore your jack, consult your Clarke dealer |