| Moteur de recherche de fiches techniques de composants électroniques |
|
DIO2186ASC6 Fiches technique(PDF) 19 Page - DIOO MICROCIRCUITS CO., LTD |
|
|
|||||||||||||||||||||||||||||
DIO2186ASC6 Fiches technique(HTML) 19 Page - DIOO MICROCIRCUITS CO., LTD |
|
19 / 25 page ![]() DIO2186 Version 1.0, Apr 2026 www.dioo.com © 2026 Dioo Microcircuits Co., Ltd. Jiangsu 15 these resistors as small as possible. This circuit limits only short-term transients. This combination uses the least amount of board space. Figure 14. Transient protection using dual zener diodes When low-power Zener diodes do not have sufficient transient absorption capability, a higher-power transzorb must be used. The most package-efficient solution involves using a single transzorb and back-to-back diodes between the device inputs. Figure 15. Transient protection using a single transzorb and input clamps 9.5. Typical applications The DIO2186 features low input bias current, which allows small-value current monitoring. To monitor accurately currents in the microamp range, it is recommended to increase the sense resistor value, so the sense voltage can be increased. Therefore, the error introduced by the offset voltage is small. It is shown below that the circuit configuration for monitoring low-value currents. As a result of the differential input impedance of the DIO2186, the recommended value of RShunt is ≤ 500 Ω. |