| Moteur de recherche de fiches techniques de composants électroniques |
|
DIO2140CD8 Fiches technique(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD |
|
|
|||||||||||||||||||||||||||||
DIO2140CD8 Fiches technique(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD |
|
7 / 12 page ![]() DIO2140 www.dioo.com © 2022 DIOO MICROCIRCUITS CO., LTD DIO2140• Rev. 1.5 Block Diagram Application Information Fully Differential Amplifier The DIO2140 is a fully differential amplifier with differential inputs and outputs. The fully differential amplifier consists of a differential amplifier and a common-mode amplifier. The differential amplifier ensures that the amplifier outputs a differential voltage that is equal to the differential input times the gain. The common-mode feedback ensures that the common-mode voltage at the output is biased around VDD/2 regardless of the common-mode voltage at the input. The fully differential DIO2140 can still be used with a single-ended input; however, the DIO2140 should be used with differential inputs when the device in a noisy environment, like a wireless handset, to ensure maximum noise rejection. Advantages of Fully Differential Amplifiers -Output-coupling capacitors are not required -Mid-supply bypass capacitor not required -Better RF-immunity |