Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DIO1713CS16 Fiches technique(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

No de pièce DIO1713CS16
Description  SPST Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIOO [DIOO MICROCIRCUITS CO., LTD]
Site Internet  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1713CS16 Fiches technique(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1713CS16 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1713CS16 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1713CS16 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1713CS16 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1713CS16 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1713CS16 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1713CS16 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1713CS16 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1713CS16 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DIO1713
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO1713• Rev. 1.4
Pin Assignment
Figure 1. SOP-16/TSSOP-16 (Top view)
Pin Descriptions
Pin Name
Description
IN1
Digital control input. Its logic state controls the status of the Switch S1-D1.
D1
Drain pin. Can be used as input or output.
S1
Source pin. Can be used as input or output.
NC
Not internally connected.
GND
Ground pin.
S4
Source pin. Can be used as input or output.
D4
Drain pin. Can be used as input or output.
IN4
Digital control input. Its logic state controls the status of the Switch S4-D4.
IN3
Digital control input. Its logic state controls the status of the Switch S3-D3.
D3
Drain pin. Can be used as input or output.
S3
Source pin. Can be used as input or output.
NC
Not internally connected.
VDD
Power supply pin.
S2
Source pin. Can be used as input or output.
D2
Drain pin. Can be used as input or output.
IN2
Digital control input. Its logic state controls the status of the Switch S2-D2.
Table 1. Truth table
Logic
Switch 1,4
Switch 2,3
0
Off
On
1
On
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11