| Moteur de recherche de fiches techniques de composants électroniques |
|
DIO1005MP10 Fiches technique(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD |
|
|
|||||||||||||||||||||||||||||
DIO1005MP10 Fiches technique(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD |
|
3 / 11 page ![]() www.dioo.com © 2016 DIOO MICROCIRCUITS CO., LTD DIO1005• Rev. 1.2 Absolute Maximum Ratings Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational of the specifications is not implied. Exposure to absolute maxim rating conditions for extended periods may affect device reliabilit Symbol VCC Supply Voltage VCNTRL DC input Voltage VSW DC input I/O Voltage IIK DC input Diode current TSTG Storage Temperature ESD HBM, JEDEC: JESD22 Recommend Operating Conditions The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended conditions are specified to ensure optimal performance to the datasheet specifications. DIOO does not Recommend exceeding the or designing to Absolute Maximum Ratings. Symbol VCC Supply voltage VCNTRL Control input voltage VSW Switch I/O voltage TA Operating Temperature DIO1005 DIOO MICROCIRCUITS CO., LTD Absolute Maximum Ratings under “Absolute Maximum Rating” may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational mplied. Exposure to absolute maxim rating conditions for extended periods may affect device reliabilit Parameter Min. Supply Voltage -0.3 DC input Voltage -0.3 (V DC input I/O Voltage -0.3 (V DC input Diode current Storage Temperature -65 HBM, JEDEC: JESD22-A114 Recommend Operating Conditions The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended conditions are specified to ensure optimal performance to the datasheet specifications. DIOO does not Recommend exceeding the Parameter Min. Supply voltage 1.8 input voltage (IN1/IN2) 0 Switch I/O voltage 0 Operating Temperature -40 under “Absolute Maximum Rating” may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections mplied. Exposure to absolute maxim rating conditions for extended periods may affect device reliability. Max. Unit +4.6 V (VCC) + 0.3 V (VCC) + 0.3 V -50 mA +150 °C 8000 V The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended Operating conditions are specified to ensure optimal performance to the datasheet specifications. DIOO does not Recommend exceeding them Max. Unit 4.3 V VCC V VCC V 85 °C |