| Moteur de recherche de fiches techniques de composants électroniques |
|
APIRSB Fiches technique(PDF) 1 Page - Optronics International |
|
|
|||||||||||||||||||||||||||||
APIRSB Fiches technique(HTML) 1 Page - Optronics International |
|
|
1 / 1 page ![]() Optronics International www.optronicsinc.com 8886540429 PIR SERIES Digital Intelligent Pyroelectric Infrared Sensor Digital signal processing Low voltage, low power consumption, instant operation after startup High power rejection ratio, antiRF interference Special secondorder butterworth bandpass filter with builtin infrared sensor to block input interference of other frequencies Simple application circuit Products Bulk Polypack Diodes Description Qty APIRSB APIRSBP Pyroelectric infrared sensor, delay of 5 minutes 100 Accessories Bulk Polypack Diodes Description Qty Specifications FMVSS: MATERIALS: ABS plastic, and adhesive moisture protection VOLT/AMP: WT/DIMS: 2.95x0.98x0.60 WARRANTY: |
Numéro de pièce similaire - APIRSB |
|
Description similaire - APIRSB |