Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M58LW032A Fiches technique(PDF) 60 Page - STMicroelectronics

No de pièce M58LW032A
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032A Fiches technique(HTML) 60 Page - STMicroelectronics

Back Button M58LW032A Datasheet HTML 53Page - STMicroelectronics M58LW032A Datasheet HTML 54Page - STMicroelectronics M58LW032A Datasheet HTML 55Page - STMicroelectronics M58LW032A Datasheet HTML 56Page - STMicroelectronics M58LW032A Datasheet HTML 57Page - STMicroelectronics M58LW032A Datasheet HTML 58Page - STMicroelectronics M58LW032A Datasheet HTML 59Page - STMicroelectronics M58LW032A Datasheet HTML 60Page - STMicroelectronics M58LW032A Datasheet HTML 61Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 60 / 61 page
background image
M58LW032A
60/61
REVISION HISTORY
Table 32. Document Revision History
Date
Version
Revision Details
February 2001
-01
First Issue (Data Brief)
17-Sep-2001
-02
Expanded to full Product Preview.
27-Sep-2001
-03
Changes on Table 18, Asynchronous Write and Latch Controlled Write AC
Characteristics, Write Enable Controlled
Changes on Table 20, Synchronous Burst Read AC Characteristics
1-Feb-2002
-04
Status Register section and Table clarified, Burst Configuration Register Table
clarified, Block Protect, Blocks Unprotect and Protection Register Program
flowcharts added, Reset, Power-Down and Power-up AC Characteristics Table
modified.
12-Mar-2002
-05
Document Status changed to Preliminary Data. Table 18, tWHGL timing modified,
Table 19, tLHGL and tEHGL timings modified. IDD5 modified in DC Characteristics
table, TLEAD removed from Absolute Maximum Ratings table. TFBGA64 Not
Connected pins changed to Do Not Use.
07-May-2002
-06
Reference to Temporary Unprotect removed from Word Program Command section,
TFBGA package dimensions added to description. Block Protect and Blocks
Unprotect Flowcharts clarified, Protection Register Program description and
Flowchart clarified, Status Register VPP Status bit description clarified. Document
Status changed to Datasheet.
04-Jul-2002
-07
110ns speed class added.
06-Aug-2002
7.1
Revision numbering modified: a minor revision will be indicated by incrementing the
digit after the dot, and a major revision, by incrementing the digit before the dot.
(revision version 07 equals 7.0).
Description of Reset/Power-Down pin, RP, specified. VDD, VDDQ, VSS and VSSQ pin
descriptions modified. Table 24,Ordering Information Scheme modified.
11-Feb-2003
7.2
Revision History moved to end of document. Block Protect setup command address
modified in Table 6, Commands. CFI, Extended Query Information table descriptions
clarified. Protection Register Program Flowchart and Pseudo code clarified. Table 9,
Program, Erase Times and Program Erase Endurance Cycles modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61