Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB2259 Fiches technique(PDF) 36 Page - SMSC Corporation

No de pièce USB2259
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2259 Fiches technique(HTML) 36 Page - SMSC Corporation

Back Button USB2259 Datasheet HTML 28Page - SMSC Corporation USB2259 Datasheet HTML 29Page - SMSC Corporation USB2259 Datasheet HTML 30Page - SMSC Corporation USB2259 Datasheet HTML 31Page - SMSC Corporation USB2259 Datasheet HTML 32Page - SMSC Corporation USB2259 Datasheet HTML 33Page - SMSC Corporation USB2259 Datasheet HTML 34Page - SMSC Corporation USB2259 Datasheet HTML 35Page - SMSC Corporation USB2259 Datasheet HTML 36Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
Datasheet
Revision 2.6 (05-08-08)
36
SMSC USB2250/51/59
DATASHEET
Chapter 10 GPIO Usage
Table 10.1 USB2250/51/59 GPIO Usage (ROM Rev 0x00)
NAME
ACTIVE LEVEL
SYMBOL
DESCRIPTION AND NOTE
GPIO1
H
LED1
LED indicator
GPIO2
H
CF_DMARQ / RXD
Compact Flash DMA request / Receive
Port of Debugger
GPIO3
H
VBUS_DET
USB Vbus detect
GPIO4
H
SCL / xD_ID
Serial EEPROM clock output / xD card
detect
GPIO5
H
SDA
Serial EEPROM data
GPIO6
L
SD_WP
SD Write Protect
GPIO7
H
CF_nDMACK / TXD
Compact Flash DMA acknowledge /
Transmit Port of Debugger
GPIO8
L
CRD_PWR0
Card Power Control
GPIO9
L
CRD_PWR1
Card Power Control
GPIO10
L
CRD_PWR2
Card Power Control
GPIO11
L
CRD_PWR3
Card Power Control
GPIO12
L
MS_INS
Memory Stick Card Insertion
GPIO13
L
CF_nCD
Compact Flash card detect
GPIO14
L
xD_nCD
xD card detect
GPIO15
L
SD_nCD
Secure Digital card detect
GPIO16-32
USER
GPIO [32:16]
User defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36