| Moteur de recherche de fiches techniques de composants électroniques |
|
USB2226 Fiches technique(PDF) 17 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2226 Fiches technique(HTML) 17 Page - SMSC Corporation |
|
17 / 23 page ![]() 4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs Datasheet SMSC USB2226 17 Revision 1.4 (10-08-07) DATASHEET I/O8PD Input/Output buffer with 8mA sink and 8mA source, with an internal weak pull-down resistor. O8 Output buffer with 8mA sink and 8mA source. O8PU Output buffer with 8mA sink and 8mA source, with an internal weak pull-up resistor. O8PD Output buffer with 8mA sink and 8mA source, with an internal weak pull-down resistor. ICLKx XTAL clock input OCLKx XTAL clock output I/O-U Analog Input/Output Defined in USB specification AIO Analog Input/Output Table 5.2 USB2226 Buffer Type Descriptions (continued) BUFFER DESCRIPTION |