| Moteur de recherche de fiches techniques de composants électroniques |
|
HT20 Fiches technique(PDF) 1 Page - LUMEL S.A. |
|
|
|||||||||||||||||||||||||||||
HT20 Fiches technique(HTML) 1 Page - LUMEL S.A. |
|
1 / 7 page ![]() www.lumel.com.pl 1 EXAMPLE OF APPLICATION HT20/HT20IoTmonitorhasbeendesignedtomeasure,monitorandrecordtemperatureandhumidity. It is a perfect solution for any facilities where monitoring and recording such values are very important for the accuracy of the whole process (for example, in server rooms, drug and food warehouses, laboratories, museums or glasshouses). The data captured by HT20/HT20IoT is stored in the internal memory and then sent digitally to the user by the Ethernet (TCP/IP, FTP) or by use of MQTT protocoll (only for HT20IoT). In case of an emergency situation, the device immediately sends appropriate warnings via emails or via a website. An additional advantage of H20IoT is the possibility that it can be powered over the Ethernet. This feature is available in versions that are equipped with the Power over Ethernet system (PoE). HT20 -TEMPERATUREANDHUMIDITYMONITOR HT20IoT -TEMPERATUREANDHUMIDITYMONITOR FOR IoT APPLICATIONS Ethernet TCP IP ARCH Rh T E-MAIL Ethernet www/ ftp / smtp GLOBAL/ DISTRIBUTED MONITORING MQT T GLOBAL MONITORING GLOBAL MONITORING GLOBAL MONITORING HT20IoT |
Numéro de pièce similaire - HT20 |
|
Description similaire - HT20 |