Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CFC2000B Fiches technique(PDF) 3 Page - Clarke International

No de pièce CFC2000B
Description  2 TONNE FOLDING CRANE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARKE [Clarke International]
Site Internet  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFC2000B Fiches technique(HTML) 3 Page - Clarke International

  CFC2000B Datasheet HTML 1Page - Clarke International CFC2000B Datasheet HTML 2Page - Clarke International CFC2000B Datasheet HTML 3Page - Clarke International CFC2000B Datasheet HTML 4Page - Clarke International CFC2000B Datasheet HTML 5Page - Clarke International CFC2000B Datasheet HTML 6Page - Clarke International CFC2000B Datasheet HTML 7Page - Clarke International CFC2000B Datasheet HTML 8Page - Clarke International CFC2000B Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SAFETY PRECAUTIONS
ALWAYS read the instructions before setting up the equipment and before use.
Failure to heed these warnings may result in damage to the equipment or serious
personal injury.
WORKPLACE SAFETY
1. ALWAYS inspect the crane before use to ensure it is correctly assembled and in
good condition and replace any damaged or worn parts.
2. Only use the crane on a flat, solid, level surface that is capable of bearing the
weight of the loaded crane, preferably concrete. NEVER work on soft/unmade
ground as the castors may sink in.
3. Ensure the crane operator is trained in both operation & safety aspects of its use.
4. DO NOT allow personnel to use the crane unless they have read these safety
precautions.
5. Use the crane in a suitable, well lit work area which is clean, tidy and free from
unrelated items.
6. DO NOT use the crane when you are tired or under the influence of alcohol,
drugs or intoxicating medication.
7. Ensure all bystanders keep at a safe distance whilst the crane is in use.
8. DO NOT over-reach. Keep your proper footing and balance at all times.
9. Safety equipment such as gloves and non-skid safety shoes will reduce personal
injuries.
INSPECTION BEFORE USE
1. ALWAYS visually inspect the crane before use, to ensure that all parts are
correctly located and secure. Check for cracks, deformation or other signs of
damage or worn parts and check the castors for damage. DO NOT use the crane
unless it is totally sound.
2. Check castors to ensure they move freely without undue wear to their pivots, and
that the wheels are not cracked or damaged.
SAFE OPERATING PRACTICE
1. Only use chains, slings, hooks etc. with a rated capacity equal to, or greater than
that of the load. Check that they are secure and will not slip under load.
2. NEVER exceed the safe working load capacities specified on the jib for each
position (as marked on the jib).
3. ALWAYS fully lock the jib and legs into position before lifting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12