| Moteur de recherche de fiches techniques de composants électroniques |
|
JS1224 Fiches technique(PDF) 4 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
JS1224 Fiches technique(HTML) 4 Page - Clarke International |
|
4 / 16 page ![]() 4 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com 18. ALWAYS store the jumpstarter out of reach of children. 19. ALWAYS wear safety glasses when working with lead acid batteries. 20. If splashed by battery acid, immediately flush the area of the splash with clean water. If a burning sensation is felt or any blistering occurs, seek medical help. 21. If acid comes into contact with the eyes, flush the eyes with clean water continuously and seek medical help. ELECTRICAL SYMBOLS DISPLAYED The meanings of the safety markings and symbols which may be displayed on this product are shown below. Class II appliance without an earth connection Always read instructions before use Electrical hazard due to exposed live terminals Chemical Hazard from battery acid WARNING: ALL LEAD ACID BATTERIES GENERATE HYDROGEN GAS DURING NORMAL OPERATION. THIS PROCESS INCREASES DURING A PERIOD OF RAPID DISCHARGE, SUCH AS WHEN USING FOR JUMP - STARTING. WARNING: HYDROGEN GAS AND BATTERY ACID (SULPHURIC ACID) CAN BE: EXPLOSIVE, CORROSIVE TO SKIN, EYES AND HAIR, DAMAGING TO CLOTHING AND METALS, FLAMMABLE, POISONOUS TO BREATHE |