Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M58BF008 Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce M58BF008
Description  8 Mbit 256Kb x32, Burst Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BF008 Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button M58BF008 Datasheet HTML 28Page - STMicroelectronics M58BF008 Datasheet HTML 29Page - STMicroelectronics M58BF008 Datasheet HTML 30Page - STMicroelectronics M58BF008 Datasheet HTML 31Page - STMicroelectronics M58BF008 Datasheet HTML 32Page - STMicroelectronics M58BF008 Datasheet HTML 33Page - STMicroelectronics M58BF008 Datasheet HTML 34Page - STMicroelectronics M58BF008 Datasheet HTML 35Page - STMicroelectronics M58BF008 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
M58BF008
34/36
Table 23. PQFP80 - 80 lead Plastic Quad Flat Pack, Package Mechanical Data
Symbol
mm
inches
Typ
Min
Max
Typ
Min
Max
A
3.40
0.1339
A1
0.25
0.0098
A2
2.80
2.55
3.05
0.1102
0.1004
0.1201
b
0.30
0.45
0.0118
0.0177
c
0.11
0.23
0.0043
0.0091
D
23.90
–
–
0.9409
–
–
D1
20.00
–
–
0.7874
–
–
e
0.80
–
–
0.0315
–
–
E
17.90
–
–
0.7047
–
–
E1
14.00
–
–
0.5512
–
–
L
0.88
0.73
1.03
0.0346
0.0287
0.0406
α
3.5
°
0
°
7
°
3.5
°
0
°
7
°
N80
80
Nd
24
24
Ne
16
16
CP
0.250
0.0098
Figure 19. PQFP80 - 80 lead Plastic Quad Flat Pack, Package Outline
Drawing is not to scale.
TQFP
Nd
E1
CP
b
e
A2
A
N
L
A1
α
D1
D
1
E
Ne
c
D2
E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36