Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JS48F4400P0P3C0 Fiches technique(PDF) 13 Page - Numonyx B.V

No de pièce JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUMONYX [Numonyx B.V]
Site Internet  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Fiches technique(HTML) 13 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 9Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 10Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 11Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 12Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 13Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 14Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 15Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 16Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 17Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 139 page
background image
April 2008
Datasheet
309823-10
13
Numonyx™ StrataFlash® Cellular Memory (M18)
3.0
Package Information
The following figures show the ballout package information for the device:
• Figure 1, “Mechanical Specifications: x16D (105-ball) package (8x10x1.0 mm)”
• Figure 2, “Mechanical Specifications: x16D (105-ball) package (8x10x1.4 mm)” on
page 15
• Figure 3, “Mechanical Specifications: x16D (105-ball) package (9x11x1.2 mm)”
• Figure 4, “Mechanical Specifications: x16D (105 balls) Package (11x15x1.2 mm)”
on page 17
• Figure 5, “Mechanical Specifications: x16 Split Bus (165-ball) package (10x11x1.2
mm)”
• Figure 6, “Mechanical Specifications: x16C (107-ball) package (8x10x1.0 mm)” on
page 19
• Figure 7, “Mechanical Specifications: x16C (107-ball) package (8x10x1.2 mm)” on
page 20
• Figure 8, “Mechanical Specifications: x16C (107-ball) package (8x11x1.2 mm)” on
page 21
• Figure 9, “Mechanical Specifications: x16C (107-ball) package (11x11x1.2 mm)”
on page 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More