| Moteur de recherche de fiches techniques de composants électroniques |
|
LAN9312 Fiches technique(PDF) 35 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN9312 Fiches technique(HTML) 35 Page - SMSC Corporation |
|
35 / 458 page ![]() High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface Datasheet SMSC LAN9312 35 Revision 1.2 (04-08-08) DATASHEET Note 3.8 Plus external pad for 128-XVTQFP package only 18,48,80, 97,112,113, 128 Note 3.8 Common Ground VSS P Common Ground Table 3.10 No-Connect Pins PIN NAME SYMBOL BUFFER TYPE DESCRIPTION 1,2,56, 76,94,95, 102,103, 109 No Connect NC - No Connect: These pins must be left floating for normal device operation. Table 3.9 Core and I/O Power and Ground Pins (continued) PIN NAME SYMBOL BUFFER TYPE DESCRIPTION |