| Moteur de recherche de fiches techniques de composants électroniques |
|
ISL28107 Fiches technique(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ISL28107 Fiches technique(HTML) 4 Page - Renesas Technology Corp |
|
4 / 33 page ![]() ISL28107, ISL28207, ISL28407 FN6631 Rev 8.01 Page 4 of 32 Aug 30, 2024 Pin Descriptions ISL28107 (8 Ld SOIC, MSOP, TDFN) ISL28207 (8 Ld SOIC, MSOP, TDFN) ISL28407 (14 Ld SOIC) PIN NAME EQUIVALENT CIRCUIT DESCRIPTION 3 - - +IN Circuit 1 Amplifier non-inverting input -3 3 +IN_A -5 5 +IN_B - - 10 +IN_C - - 12 +IN_D 4 4 11 V- Circuit 3 Negative power supply 2 - - -IN Circuit 1 Amplifier inverting input -2 2 -IN_A -6 6 -IN_B -- 9 -IN_C - - 13 -IN_D 7 8 4 V+ Circuit 3 Positive power supply 6- - VOUT Circuit 2 Amplifier output -1 1 VOUT_A -7 7 VOUT_B -- 8 VOUT_C - - 14 VOUT_D 1, 5, 8 - -NC- No internal connection PD PD - PD - Thermal Pad - TDFN and QFN packages only. Connect thermal pad to ground or most negative potential. V+ V- OUT CIRCUIT 2 CIRCUIT 1 V+ V- CIRCUIT 3 IN- V+ V- IN+ CAPACITIVELY TRIGGERED ESD CLAMP 500 500 |