Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD241A Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce BD241A
Description  NPN power transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD241A Fiches technique(HTML) 7 Page - STMicroelectronics

  BD241A Datasheet HTML 1Page - STMicroelectronics BD241A Datasheet HTML 2Page - STMicroelectronics BD241A Datasheet HTML 3Page - STMicroelectronics BD241A Datasheet HTML 4Page - STMicroelectronics BD241A Datasheet HTML 5Page - STMicroelectronics BD241A Datasheet HTML 6Page - STMicroelectronics BD241A Datasheet HTML 7Page - STMicroelectronics BD241A Datasheet HTML 8Page - STMicroelectronics BD241A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BD241A BD241C
Package mechanical data
7/9
DIM.
mm.
MIN.
TYP
MAX.
A
4.40
4.60
b
0.61
0.88
b1
1.14
1.70
c
0.49
0.70
D
15.25
15.75
D1
1.27
E
10
10.40
e
2.40
2.70
e1
4.95
5.15
F
1.23
1.32
H1
6.20
6.60
J1
2.40
2.72
L13
14
L1
3.50
3.93
L20
16.40
L30
28.90
øP
3.75
3.85
Q
2.65
2.95
TO-220 Mechanical data



Html Pages

1 2 3 4 5 6 7 8 9