Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M54HC691B1R Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce M54HC691B1R
Description  HC691/693 4 BIT BINARY COUNTER/REGISTER 3-STATE HC690/692 DECADE COUNTER/REGISTER 3-STATE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC691B1R Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button M54HC691B1R Datasheet HTML 15Page - STMicroelectronics M54HC691B1R Datasheet HTML 16Page - STMicroelectronics M54HC691B1R Datasheet HTML 17Page - STMicroelectronics M54HC691B1R Datasheet HTML 18Page - STMicroelectronics M54HC691B1R Datasheet HTML 19Page - STMicroelectronics M54HC691B1R Datasheet HTML 20Page - STMicroelectronics M54HC691B1R Datasheet HTML 21Page - STMicroelectronics M54HC691B1R Datasheet HTML 22Page - STMicroelectronics M54HC691B1R Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
SO20 MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.65
0.104
a1
0.10
0.20
0.004
0.007
a2
2.45
0.096
b
0.35
0.49
0.013
0.019
b1
0.23
0.32
0.009
0.012
C
0.50
0.020
c1
45
° (typ.)
D
12.60
13.00
0.496
0.512
E
10.00
10.65
0.393
0.419
e
1.27
0.050
e3
11.43
0.450
F
7.40
7.60
0.291
0.299
L
0.50
1.27
0.19
0.050
M
0.75
0.029
S8
° (max.)
P013L
M54/M74HC690/691/692/693
21/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23