Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M54HC691C1R Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce M54HC691C1R
Description  HC691/693 4 BIT BINARY COUNTER/REGISTER 3-STATE HC690/692 DECADE COUNTER/REGISTER 3-STATE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC691C1R Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button M54HC691C1R Datasheet HTML 15Page - STMicroelectronics M54HC691C1R Datasheet HTML 16Page - STMicroelectronics M54HC691C1R Datasheet HTML 17Page - STMicroelectronics M54HC691C1R Datasheet HTML 18Page - STMicroelectronics M54HC691C1R Datasheet HTML 19Page - STMicroelectronics M54HC691C1R Datasheet HTML 20Page - STMicroelectronics M54HC691C1R Datasheet HTML 21Page - STMicroelectronics M54HC691C1R Datasheet HTML 22Page - STMicroelectronics M54HC691C1R Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Plastic DIP20 (0.25) MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.254
0.010
B
1.39
1.65
0.055
0.065
b
0.45
0.018
b1
0.25
0.010
D
25.4
1.000
E
8.5
0.335
e
2.54
0.100
e3
22.86
0.900
F
7.1
0.280
I
3.93
0.155
L
3.3
0.130
Z
1.34
0.053
P001J
M54/M74HC690/691/692/693
19/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23