| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320DM647 Fiches technique(PDF) 32 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM647 Fiches technique(HTML) 32 Page - Texas Instruments |
|
32 / 182 page ![]() TMS320DM647/TMS320DM648 Digital Media Processor SPRS372B – MAY 2007 – REVISED APRIL 2008 www.ti.com Table 2-5. TERMINAL FUNCTIONS (GROUND and POWER SUPPLY) (continued) TERMINAL NO TYPE INTERNAL OPER DESCRIPTION NAME PULLUP/PULL VOLT DOWN DVDD33 M8 3.3-V I/O supply voltage DVDD33 M16 3.3-V I/O supply voltage DVDD33 M23 3.3-V I/O supply voltage DVDD33 N2 3.3-V I/O supply voltage DVDD33 N7 3.3-V I/O supply voltage DVDD33 N17 3.3-V I/O supply voltage DVDD33 P8 3.3-V I/O supply voltage DVDD33 P16 3.3-V I/O supply voltage DVDD33 R7 3.3-V I/O supply voltage DVDD33 R17 3.3-V I/O supply voltage DVDD33 T8 3.3-V I/O supply voltage DVDD33 T12 3.3-V I/O supply voltage DVDD33 T14 3.3-V I/O supply voltage DVDD33 G1 3.3-V I/O supply voltage DVDD33 T23 3.3-V I/O supply voltage DVDD33 AB7 3.3-V I/O supply voltage DVDD33 U15 3.3-V I/O supply voltage DVDD33 U17 3.3-V I/O supply voltage DVDD33 V2 3.3-V I/O supply voltage DVDD33 V16 3.3-V I/O supply voltage DVDD33 W23 3.3-V I/O supply voltage DVDD33 Y4 3.3-V I/O supply voltage DVDD33 Y8 3.3-V I/O supply voltage DVDD33 AB16 3.3-V I/O supply voltage DVDD33 AC2 3.3-V I/O supply voltage DVDD33 AC5 3.3-V I/O supply voltage DVDD33 AB12 3.3-V I/O supply voltage DVDD33 AC19 3.3-V I/O supply voltage DVDD33 AC23 3.3-V I/O supply voltage DVDD18 B1 1.8-V I/O supply voltage (DDR2 Memory Controller) DVDD18 B5 1.8-V I/O supply voltage (DDR2 Memory Controller) DVDD18 B15 1.8-V I/O supply voltage (DDR2 Memory Controller) DVDD18 B18 1.8-V I/O supply voltage (DDR2 Memory Controller) DVDD18 B23 1.8-V I/O supply voltage (DDR2 Memory Controller) DVDD18 C3 1.8-V I/O supply voltage (DDR2 Memory Controller) DVDD18 C10 1.8-V I/O supply voltage (DDR2 Memory Controller) DVDD18 C13 1.8-V I/O supply voltage (DDR2 Memory Controller) DVDD18 C21 1.8-V I/O supply voltage (DDR2 Memory Controller) DVDD18 E5 1.8-V I/O supply voltage (DDR2 Memory Controller) DVDD18 F8 1.8-V I/O supply voltage (DDR2 Memory Controller) DVDD18 F14 1.8-V I/O supply voltage (DDR2 Memory Controller) DVDD18 F16 1.8-V I/O supply voltage (DDR2 Memory Controller) DVDD18 F18 1.8-V I/O supply voltage (DDR2 Memory Controller) DVDD18 G9 1.8-V I/O supply voltage (DDR2 Memory Controller) DVDD18 G11 1.8-V I/O supply voltage (DDR2 Memory Controller) DVDD18 G13 1.8-V I/O supply voltage (DDR2 Memory Controller) Device Overview 32 Submit Documentation Feedback |