Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320DM647_0804 Fiches technique(PDF) 90 Page - Texas Instruments

No de pièce TMS320DM647_0804
Description  Digital Media Processor
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647_0804 Fiches technique(HTML) 90 Page - Texas Instruments

Back Button TMS320DM647_0804 Datasheet HTML 86Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 87Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 88Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 89Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 90Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 91Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 92Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 93Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 182 page
background image
6.8 Interrupts
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372B – MAY 2007 – REVISED APRIL 2008
www.ti.com
The C64x+ DSP interrupt controller combines device events into 12 prioritized interrupts. The source for
each of the 12 CPU interrupts is user programmable. Also, the interrupt controller controls the generation
of the CPU exception, NMI, and emulation interrupts and the generation of AEG events. Table 6-26
summarizes the C64x+ interrupt controller registers and memory locations. For more details on DSP
interrupt control, see TMS320DM647/DM648 DSP Subsystem Reference Guide (literature number
SPRUEU6).
Table 6-25. DSP Interrupt Events
DSP
EVENT
INTERRUPT SOURCE
INTERRUPT
NUMBER
0
EVT0
Output of event combiner 0, for events 1 – 31
1
EVT1
Output of event combiner 1, for events 32 – 63
2
EVT2
Output of event combiner 2, for events 64 – 95
3
EVT33
Output of event combiner 3, for events 96 – 127
4-8
Reserved
9
EMU_DTDMA
ECM interrupt for:
•
Host scan access event
•
DTDMA transfer complete event
•
AET interrupt event
10
Reserved
Reserved
11
EMU_RTDXRX
RTDX receive complete event
12
EMU_RTDXTX
RTDX transmit complete event
13
IDMA0 EMC
C64x+ EMC 0 event
14
IDMA1 EMC
C64x+ EMC 1 event
15
HINT
Host (PCI/HPI) to DSP interrupt event
16
I2CINT
I2C interrupt event
17
Reserved
Reserved
18
AEASYNCERR event
EMIFA Error Interrupt event
19
TINT2L
Timer interrupt low event
20
TINT2H
Timer interrupt high event
21
TINT3L
Timer interrupt low event
22
TINT3H
Timer interrupt high event
23
PSCINT
PSC-ALLINT event
24
TPCC_GINT
EDMA3 channel global completion interrupt event
25
SPIINT0
SPI Interrupt
26
SPIINT1
SPI Interrupt
27
DSQINT
VICP – Sqr (DSP int)
28
IMXINT
VICP – IMX
29
VLCDINT
VICP - VLCD
30 -31
Reserved
Reserved
32
RX_PULSE
Ethernet Subsystem RX pulse interrupt event
33
RX_THRESH_PULSE
Ethernet Subsystem RX threshold interrupt event
34
TX_PULSE
Ethernet Subsystem TX pulse interrupt event
35
MISC_PULSE
Ethernet Subsystem MISC pulse interrupt event
36
UART_INT
UART Interrupt
37
VP0_INT
VP0 Interrupt
38
VP1_INT
VP1 Interrupt
39
VP2_INT
VP2 Interrupt
Peripheral Information and Electrical Specifications
90
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More