Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STHS4257L Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce STHS4257L
Description  IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS4257L Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button STHS4257L Datasheet HTML 10Page - STMicroelectronics STHS4257L Datasheet HTML 11Page - STMicroelectronics STHS4257L Datasheet HTML 12Page - STMicroelectronics STHS4257L Datasheet HTML 13Page - STMicroelectronics STHS4257L Datasheet HTML 14Page - STMicroelectronics STHS4257L Datasheet HTML 15Page - STMicroelectronics STHS4257L Datasheet HTML 16Page - STMicroelectronics STHS4257L Datasheet HTML 17Page - STMicroelectronics STHS4257L Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STHS4257A, STHS4257A1, STHS4257L, STHS4257L1
Package mechanical data
15/18
Figure 10.
DFN8 – 8-lead dual flat no-lead outline, package mechanical drawing
1.
Drawing is not to scale.
Table 7.
DFN8 – 8-lead dual flat no-lead outline, package mechanical data
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
0.90
0.80
1.00
0.035
0.031
0.039
A1
0.02
0.05
0.001
0.002
A2
0.70
0.028
A3
0.20
0.008
b
0.23
0.18
0.30
0.009
0.007
0.012
D
3.00
0.118
D2
2.38
2.23
2.48
0.094
ddd
0.08
0.003
E
3.00
0.118
E2
1.64
1.49
1.74
0.065
0.059
0.069
e
0.50
0.020
L
0.40
0.30
0.50
0.016
0.012
0.020
N8
8
DFN-A
Bottom View
Seating
Plane
C
D
D2
b
e
12
34
87
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18