Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M54HCT160 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce M54HCT160
Description  SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HCT160 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button M54HCT160 Datasheet HTML 8Page - STMicroelectronics M54HCT160 Datasheet HTML 9Page - STMicroelectronics M54HCT160 Datasheet HTML 10Page - STMicroelectronics M54HCT160 Datasheet HTML 11Page - STMicroelectronics M54HCT160 Datasheet HTML 12Page - STMicroelectronics M54HCT160 Datasheet HTML 13Page - STMicroelectronics M54HCT160 Datasheet HTML 14Page - STMicroelectronics M54HCT160 Datasheet HTML 15Page - STMicroelectronics M54HCT160 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Ceramic DIP16/1 MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
20
0.787
B
7
0.276
D
3.3
0.130
E
0.38
0.015
e3
17.78
0.700
F
2.29
2.79
0.090
0.110
G
0.4
0.55
0.016
0.022
H
1.17
1.52
0.046
0.060
L
0.22
0.31
0.009
0.012
M
0.51
1.27
0.020
0.050
N
10.3
0.406
P
7.8
8.05
0.307
0.317
Q
5.08
0.200
P053D
M54/M74HCT160/161/162/163
13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16