Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RPM3-914-17-RPS Fiches technique(PDF) 10 Page - Radiometrix Ltd

No de pièce RPM3-914-17-RPS
Description  UHF Radio Packet Modem
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RADIOMETRIX [Radiometrix Ltd]
Site Internet  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RPM3-914-17-RPS Fiches technique(HTML) 10 Page - Radiometrix Ltd

Back Button RPM3-914-17-RPS Datasheet HTML 6Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 7Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 8Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 9Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 10Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 11Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 12Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 13Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 14Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Radiometrix Ltd.
UHF FM Radio Packet Modem
page 10
4.0 EXTENDED RADIO PACKET MODEM FEATURES
4.1 THROUGHPUT
The RPM3 supports three rates, max (17kbps), slots (3.6kbps) and slotsw (1.8bps), of over-air throughput.
MAX: When set to maximum and streaming data at the RPM3, the data is sent as quick as
possible. For host baud rates above 9600bps, data is transmitted continuously with minimal
delay between sequential packets. When this occurs, there is effectively no airtime for another
pair, operating in close proximity, to transmit without causing collisions. The maximum over-air
throughput that can be achieved is 17kbps with ACK and 28kbps without ACK..
Figure 8: RPM3 streaming data
with ACK at maximum throughput
In Figure 8, RS232 serial data bytes accumulated in the receive buffer is transmitted as two 10kbps
bursts by transmitting RPM3 with gaps just enough to receive ACK from receiving RPM3.
Figure
9: RPM3 streaming data without gap for anotherRPM3 pair
For continuous data transmission at baud rates above 9600bps (with ACK) or 19200bps (without ACK),
hardware flow control should be used to prevent the host from causing receive buffer overrun errors.
RPM3 will signal CTS pin to stop/allow the host depending on its Receiver Buffer level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15