Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M74HC86B1R Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce M74HC86B1R
Description  QUAD EXCLUSIVE OR GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC86B1R Fiches technique(HTML) 5 Page - STMicroelectronics

  M74HC86B1R Datasheet HTML 1Page - STMicroelectronics M74HC86B1R Datasheet HTML 2Page - STMicroelectronics M74HC86B1R Datasheet HTML 3Page - STMicroelectronics M74HC86B1R Datasheet HTML 4Page - STMicroelectronics M74HC86B1R Datasheet HTML 5Page - STMicroelectronics M74HC86B1R Datasheet HTML 6Page - STMicroelectronics M74HC86B1R Datasheet HTML 7Page - STMicroelectronics M74HC86B1R Datasheet HTML 8Page - STMicroelectronics M74HC86B1R Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Plastic DIP14 MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
15.24
0.600
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
2.54
0.050
0.100
P001A
M54/M74HC86
5/9



Html Pages

1 2 3 4 5 6 7 8 9