| Moteur de recherche de fiches techniques de composants électroniques |
|
TSV994AIYD Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSV994AIYD Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 18 page ![]() TSV991-TSV992-TSV994 Absolute maximum ratings and operating conditions 3/18 Table 2. Operating conditions Symbol Parameter Value Unit VCC Supply voltage 2.5 to 5.5 V Vicm Common mode input voltage range VDD -0.1 to VCC +0.1 V Toper Operating free air temperature range -40 to +125 °C |