| Moteur de recherche de fiches techniques de composants électroniques |
|
AT91SAM7S64 Fiches technique(PDF) 8 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM7S64 Fiches technique(HTML) 8 Page - ATMEL Corporation |
|
8 / 42 page ![]() 8 6175BS–ATARM–04-Nov-05 AT91SAM7S Series Summary Two-Wire Interface TWD Two-wire Serial Data I/O TWCK Two-wire Serial Clock I/O Analog-to-Digital Converter AD0-AD3 Analog Inputs Analog Digital pulled-up inputs at reset AD4-AD7 Analog Inputs Analog Analog Inputs ADTRG ADC Trigger Input ADVREF ADC Reference Analog Fast Flash Programming Interface PGMEN0-PGMEN2 Programming Enabling Input PGMM0-PGMM3 Programming Mode Input PGMD0-PGMD15 Programming Data I/O PGMD0-PGMD7 only on AT91SAM7S32 PGMRDY Programming Ready Output High PGMNVALID Data Direction Output Low PGMNOE Programming Read Input Low PGMCK Programming Clock Input PGMNCMD Programming Command Input Low Table 4-1. Signal Description List (Continued) Signal Name Function Type Active Level Comments |