Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAM400 Fiches technique(PDF) 4 Page - Clarke International

No de pièce CAM400
Description  16” VENTILATION FAN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARKE [Clarke International]
Site Internet  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAM400 Fiches technique(HTML) 4 Page - Clarke International

  CAM400 Datasheet HTML 1Page - Clarke International CAM400 Datasheet HTML 2Page - Clarke International CAM400 Datasheet HTML 3Page - Clarke International CAM400 Datasheet HTML 4Page - Clarke International CAM400 Datasheet HTML 5Page - Clarke International CAM400 Datasheet HTML 6Page - Clarke International CAM400 Datasheet HTML 7Page - Clarke International CAM400 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ELECTRICAL CONNECTIONS
Connect the mains lead to a standard, 230 Volt (50Hz) electrical supply
through an approved BS 1363 plug or a suitably fused isolator switch.
If the plug has to be changed because it is not suitable for your socket, or
because of damage, it must be removed and a replacement fitted, following
the wiring instructions shown below. The old plug must be discarded safely, as
insertion into a power socket could cause an electrical hazard
.
If the colours of the wires in the power cable do not agree with the markings
on the plug.
• Connect the BLUE wire
to the terminal
marked N.
• Connect the BROWN
wire to the terminal
marked L.
•Connect the YELLOW
AND GREEN wire to
the terminal marked E
or
.
AN APPROVED RESIDUAL
CURRENT DEVICE (RCD) WHICH HAS A TRIPPING CURRENT OF LESS THAN 30 mA
MUST BE USED.
If you are not sure, consult a qualified electrician. DO NOT try to do any repairs
yourself.
BEFORE USE
Before commencing assembly, check for damage and or shortages etc, any
damage or shortage should be reported to your Clarke dealer where the fan
was purchased.
WARNING: READ THESE ELECTRICAL SAFETY INSTRUCTIONS
THOROUGHLY BEFORE CONNECTING THE PRODUCT TO THE MAINS
SUPPLY.
WARNING: THE WIRES IN THE POWER CABLE OF THIS PRODUCT ARE
COLOURED IN ACCORDANCE WITH THE FOLLOWING CODE:
BLUE = NEUTRAL
BROWN = LIVE
YELLOW AND GREEN = EARTH
Plug must be BS1363/A approved.
Always fit
Ensure that the outer sheath of
Neutral
(Blue)
Live
(Brown)
Earth
(Green and
a 13 Amp
the cable is firmly held by the clamp
fuse.
Yellow)



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com