| Moteur de recherche de fiches techniques de composants électroniques |
|
HC4052 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HC4052 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 15 page ![]() DESCRIPTION The HC4051 is a single 8 channel multiplexer demultiplexer having three binary control inputs A, B and C to select 1 of 8 to be turned on, and connected to the output. The HC4052 has a pair of four channel multiplexer demultiplexer having two control inputs A and B that select one of four channels of the two sections. The HC4053 is a triple two channel multiplexer demultiplexer having three separate digital control inputs A, B and C to select independently one of a pair of channles. CHIP CARRIER HC4053 HC4052 HC4051 TRUTH TABLE (HC4051) INPUT STATES ”ON” CHANNEL INHIBIT C B A LL L L 0 LL L H 1 LL H L 2 LL H H 3 LH L L 4 LH L H 5 LH H L 6 LH H H 7 H X X X NONE X: DON’T CARE TRUTH TABLE (HC4052) INPUT STATES ”ON” CHANNELS INHIBIT B A L L L 0X, 0Y L L H 1X, 1Y L H L 2X, 2Y L H H 3X, 3Y H X X NONE X: DON’T CARE TRUTH TABLE (HC4053) INPUT STATES ”ON” CHANNELS INHIBIT A or B or C L L ax or bx or cx L H ay or by or cy H X NONE X: DON’T CARE M54/M74HC4051/4052/4053 2/15 |