| Moteur de recherche de fiches techniques de composants électroniques |
|
MSP430F149IPM Fiches technique(PDF) 73 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP430F149IPM Fiches technique(HTML) 73 Page - Texas Instruments |
|
73 / 88 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 17-Apr-2026 TAPE AND REEL INFORMATION Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 User Direction of Feed P1 Reel Diameter *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant MSP430F133IPMR LQFP PM 64 1000 330.0 24.4 12.5 12.5 2.2 16.0 24.0 Q2 MSP430F133IRTDT VQFN RTD 64 250 180.0 16.4 9.3 9.3 1.5 12.0 16.0 Q2 MSP430F135IPMR LQFP PM 64 1000 330.0 24.4 12.5 12.5 2.2 16.0 24.0 Q2 MSP430F135IRTDR VQFN RTD 64 2500 330.0 16.4 9.3 9.3 1.5 12.0 16.0 Q2 MSP430F135IRTDT VQFN RTD 64 250 180.0 16.4 9.3 9.3 1.5 12.0 16.0 Q2 MSP430F1471IPMR LQFP PM 64 1000 330.0 24.4 12.5 12.5 2.2 16.0 24.0 Q2 MSP430F1471IRTDT VQFN RTD 64 250 180.0 16.4 9.3 9.3 1.5 12.0 16.0 Q2 MSP430F147IPMR LQFP PM 64 1000 330.0 24.4 12.5 12.5 2.2 16.0 24.0 Q2 MSP430F147IRTDR VQFN RTD 64 2500 330.0 16.4 9.3 9.3 1.5 12.0 16.0 Q2 MSP430F147IRTDT VQFN RTD 64 250 180.0 16.4 9.3 9.3 1.5 12.0 16.0 Q2 MSP430F1481IPMR LQFP PM 64 1000 330.0 24.4 12.5 12.5 2.2 16.0 24.0 Q2 MSP430F1481IRTDT VQFN RTD 64 250 180.0 16.4 9.3 9.3 1.5 12.0 16.0 Q2 MSP430F148IPMR LQFP PM 64 1000 330.0 24.4 12.5 12.5 2.2 16.0 24.0 Q2 MSP430F148IRTDR VQFN RTD 64 2500 330.0 16.4 9.3 9.3 1.5 12.0 16.0 Q2 MSP430F148IRTDT VQFN RTD 64 250 180.0 16.4 9.3 9.3 1.5 12.0 16.0 Q2 MSP430F1491IPMR LQFP PM 64 1000 330.0 24.4 12.5 12.5 2.2 16.0 24.0 Q2 Pack Materials-Page 1 |