Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M54HC691 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce M54HC691
Description  HC691/693 4 BIT BINARY COUNTER/REGISTER 3-STATE HC690/692 DECADE COUNTER/REGISTER 3-STATE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC691 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button M54HC691 Datasheet HTML 14Page - STMicroelectronics M54HC691 Datasheet HTML 15Page - STMicroelectronics M54HC691 Datasheet HTML 16Page - STMicroelectronics M54HC691 Datasheet HTML 17Page - STMicroelectronics M54HC691 Datasheet HTML 18Page - STMicroelectronics M54HC691 Datasheet HTML 19Page - STMicroelectronics M54HC691 Datasheet HTML 20Page - STMicroelectronics M54HC691 Datasheet HTML 21Page - STMicroelectronics M54HC691 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
SWITCHING CHARACTERISTICS (continued)
tPLZ,tPZL
The 1 k
Ω load resistors should be connected be-
tween outputs and VCC line and the 50 pF load ca-
pacitors should be connected between outputs
and GND line. All inputs except G input should be
connected to VCC line or GND line such that out-
puts will be in low logic level while G input is held
low.
tPHZ,tPZH
The 1 k
Ω load resistors and the 50 pF load capa-
citors should be connected between each output
and GND line.
All inputs except G input should be connected to
VCC or GND line such that output will be in high
logic level while G input is held low.
M54/M74HC690/691/692/693
18/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23