Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M74HC620 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce M74HC620
Description  OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC620 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button M74HC620 Datasheet HTML 3Page - STMicroelectronics M74HC620 Datasheet HTML 4Page - STMicroelectronics M74HC620 Datasheet HTML 5Page - STMicroelectronics M74HC620 Datasheet HTML 6Page - STMicroelectronics M74HC620 Datasheet HTML 7Page - STMicroelectronics M74HC620 Datasheet HTML 8Page - STMicroelectronics M74HC620 Datasheet HTML 9Page - STMicroelectronics M74HC620 Datasheet HTML 10Page - STMicroelectronics M74HC620 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SO20 MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.65
0.104
a1
0.10
0.20
0.004
0.007
a2
2.45
0.096
b
0.35
0.49
0.013
0.019
b1
0.23
0.32
0.009
0.012
C
0.50
0.020
c1
45
° (typ.)
D
12.60
13.00
0.496
0.512
E
10.00
10.65
0.393
0.419
e
1.27
0.050
e3
11.43
0.450
F
7.40
7.60
0.291
0.299
L
0.50
1.27
0.19
0.050
M
0.75
0.029
S8
° (max.)
P013L
M54/M74HC620/623
9/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11