Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M54HC623 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce M54HC623
Description  OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC623 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button M54HC623 Datasheet HTML 2Page - STMicroelectronics M54HC623 Datasheet HTML 3Page - STMicroelectronics M54HC623 Datasheet HTML 4Page - STMicroelectronics M54HC623 Datasheet HTML 5Page - STMicroelectronics M54HC623 Datasheet HTML 6Page - STMicroelectronics M54HC623 Datasheet HTML 7Page - STMicroelectronics M54HC623 Datasheet HTML 8Page - STMicroelectronics M54HC623 Datasheet HTML 9Page - STMicroelectronics M54HC623 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SWITCHING CHARACTERISTICS TEST WAVEFORM
VCC
GND
TEST CIRCUIT ICC (Opr.)
CPD CALCULATION
CPD is to be calculated with the following formula
by using the measured value of ICC (Opr.) in the
test circuit opposite.
CPD =
ICC
(Opr.)
fIN xVCC
In determining the typical value of CPD, a rela-
tively high frequency of 1 MHz was applied to fIN,
in order to eliminate any error caused by the
quiescent supply current.
INPUT WAVEFORM IS THE SAME AS THAT IN CASE OF
SWITCHING CHARACTERISTICS TEST.
M54/M74HC620/623
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11