| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32WB09TE Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB09TE Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 73 page ![]() 3 Functional overview 3.1 Arm® Cortex®–M0+ core with MPU The STM3WB09xE contains an Arm® Cortex®-M0+ microprocessor core. The Arm® Cortex®-M0+ was developed to provide a low-cost platform that meets the needs of CPU implementation, with a reduced pin count and low- power consumption, while delivering outstanding computational performance and an advanced response to interrupts. The Arm® Cortex®-M0+ can run from 1 MHz up to 64 MHz. The Arm® Cortex®-M0+ processor is built on a highly area and power optimized 32-bit processor core, with a 2- stage pipeline Von Neumann architecture. The processor delivers exceptional energy efficiency through a small but powerful instruction set and extensively optimized design, providing high-end processing hardware including a single-cycle multiplier. The interrupts are handled by the Arm® Cortex®-M0+ nested vector interrupt controller (NVIC). The NVIC controls specific Arm® Cortex®-M0+ interrupts as well as the STM3WB09xE peripheral interrupts. With its embedded Arm® core, the STM3WB09xE family is compatible with all ARM® tools and software. 3.2 System architecture The main system consists of 32-bit multilayer AHB bus matrix that interconnects: • Three masters: – CPU (Cortex®-M0+) core S-bus – DMA1 – Radio system • Nine slaves: – Internal flash memory on CPU (Cortex®-M0+) S bus – Internal SRAM0 (16 Kbytes ) – Internal SRAM1 (16 Kbytes ) – Internal SRAM2 (16 Kbytes ) – Internal SRAM3 (16 Kbytes ) – APB0 peripherals (through an AHB to APB bridge) – APB1 peripherals (through an AHB to APB bridge) – AHB0 peripherals – AHBRF including AHB to APB bridge and radio peripherals (connected to APB2) The bus matrix provides access from a master to a slave, enabling concurrent access and efficient operation even when several high-speed peripherals work simultaneously. STM32WB09xE Functional overview DS14210 - Rev 6 page 7/73 |