| Moteur de recherche de fiches techniques de composants électroniques |
|
ES40 Fiches technique(PDF) 10 Page - ABB |
|
|
|||||||||||||||||||||||||||||
ES40 Fiches technique(HTML) 10 Page - ABB |
|
10 / 12 page ![]() 3 www.abb.com/lowvoltage email info@gb.abb.com Telephone 02476 368500 Facsimile 02476 368401 3/10 Switching - Accessories Auxiliary Contacts Description Mounting Position Suitable Switch Order Code Price £ Auxiliary Contact 1 n/o Right hand side (max 2) OT16 ... 125 OA1G10 4.98 Auxiliary Contact 1 n/c Left hand side (max 2) OT16 ... 125 OA1G01 4.98 Auxiliary Contact 1 n/o Max 6 contacts per switch OS20 ... 32 OA1G101) 4.98 Auxiliary Contact 1 n/c Max 6 contacts per switch OS20 ... 32 OA3G011) 4.98 Auxiliary Contact 1 n/o Max 8 contacts per switch OS63 OA1G10 4.98 Auxiliary Contact 1 n/c Max 8 contacts per switch OS63 OA3G01 4.98 Auxiliary Contact 1 n/o Max 11 contacts per switch OS100...125 OA1G10 4.98 Auxiliary Contact 1 n/c Max 11 contacts per switch OS100...125 OA3G01 4.98 Auxiliary Contact 1 n/o OT160 OBEA102) 4.98 Auxiliary Contact 1 n/c OT160 OBEA012) 4.98 Auxiliary Contact 1n/o+1n/c Max 8 left side OT20 ... 125 OA2G113) 6.81 Auxiliary Contact 1 n/o Max 4 under mech. cover OT200 ... 400 OA1G10 4.98 Auxiliary Contact 1 n/c Max 4 under mech. cover OT200 ... 400 OA3G10 4.98 Auxiliary Contact 1 n/c Max 4 under mech. cover OS200 ... 630 OA1G01 4.98 Auxiliary Contact 1 c/o Max 2 OS20 ... 32 OA4B1C 7.66 Mounting Frame OS20 .. 32 OSZ4 3.18 Mounting Frame OT160 OEZNP1 8.38 Mounting Frame Max 8 OT/OS200> OEA28 8.38 1) Mounting frame required (OSZ4) 2) Mounting frame required (OEZNP1) 3) Fitted with (OEA28) Spreader Boxes • IP65 rated • Spreader boxes can be provided to facillitate the glanding off of larger or multi cable applications. • When terminating a cable remove the gland plate from the switch enclosure and mount onto the spreader box. • The spreader box is then mounted on to the switch enclosure where the gland plate has been removed by the set screws provided. Suitable for Loadbreak and Switchfuse H W D Order Code Price £ OT20, OT32, OT63, OS20, OS32 160 160 120 SB1G 58.13 OT100, OT125, OT160, OT200 260 260 215 SB2G 72.67 OT315, OT400, OS63, OS100, OS125, OS160 OT630, OT800, OS200, OS315, OS400 400 400 165 SB3G 101.73 OS630 500 500 155 SB4G 118.70 Suitable for Changeover and MCCB H W D Order Code Price £ OT20_C, OT32_C, OT63_C, OT125_C 160 160 120 SB1G 58.13 MCCB32, MCCB63, MCCB100, MCCB125, 260 260 215 SB2G 72.67 MCCB160, MCCB250 OT200_C, OT315_C, OT400_C, OT630_C OT800_C, MCCB400, MCCB630 500 500 155 SB4G 118.70 SB4G SB1G OEA28 OA1G10 |