Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M54HC563 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce M54HC563
Description  OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HC563 INVERTING - HC573 NON INVERTING
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC563 Fiches technique(HTML) 3 Page - STMicroelectronics

  M54HC563 Datasheet HTML 1Page - STMicroelectronics M54HC563 Datasheet HTML 2Page - STMicroelectronics M54HC563 Datasheet HTML 3Page - STMicroelectronics M54HC563 Datasheet HTML 4Page - STMicroelectronics M54HC563 Datasheet HTML 5Page - STMicroelectronics M54HC563 Datasheet HTML 6Page - STMicroelectronics M54HC563 Datasheet HTML 7Page - STMicroelectronics M54HC563 Datasheet HTML 8Page - STMicroelectronics M54HC563 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TRUTH TABLE
INPUTS
OUTPUTS
OE
LE
D
Q (HC573)
Q (HC563)
HX
X
Z
Z
L
L
X
NO CHANGE *
NO CHANGE *
LH
L
L
H
LH
H
H
L
X: DON’T CARE
Z: HIGH IMPEDANCE
*: Q/Q OUTPUTS ARE LATCHED AT THE TIME WHEN THE LE INPUT IS TAKEN LOW LOGIC LEVEL.
LOGIC DIAGRAMS
HC563
HC573
M54/M74HC563/573
3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13