Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M54HC4351F1R Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce M54HC4351F1R
Description  ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4351F1R Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button M54HC4351F1R Datasheet HTML 8Page - STMicroelectronics M54HC4351F1R Datasheet HTML 9Page - STMicroelectronics M54HC4351F1R Datasheet HTML 10Page - STMicroelectronics M54HC4351F1R Datasheet HTML 11Page - STMicroelectronics M54HC4351F1R Datasheet HTML 12Page - STMicroelectronics M54HC4351F1R Datasheet HTML 13Page - STMicroelectronics M54HC4351F1R Datasheet HTML 14Page - STMicroelectronics M54HC4351F1R Datasheet HTML 15Page - STMicroelectronics M54HC4351F1R Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Ceramic DIP20 MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
25
0.984
B
7.8
0.307
D
3.3
0.130
E
0.5
1.78
0.020
0.070
e3
22.86
0.900
F
2.29
2.79
0.090
0.110
G
0.4
0.55
0.016
0.022
I
1.27
1.52
0.050
0.060
L
0.22
0.31
0.009
0.012
M
0.51
1.27
0.020
0.050
N1
4
° (min.), 15° (max.)
P
7.9
8.13
0.311
0.320
Q
5.71
0.225
P057H
M54/M74HC4351/4352/4353
13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16