Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM261...ZEJQ1 Fiches technique(PDF) 54 Page - Texas Instruments

No de pièce AM261...ZEJQ1
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJQ1 Fiches technique(HTML) 54 Page - Texas Instruments

Back Button AM261...ZEJQ1 Datasheet HTML 50Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 51Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 52Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 53Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 54Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 55Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 56Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 57Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 218 page
background image
5.3.1.1 ADC-CMPSS Signal Connections
In each ADC, three sets of differential pins shall be shared with pins of three CMPSSA . These pins are
demonstrated in Figure 5-5 and Table 5-5 where the CHSEL values determine how the inputs are fed into ADC.
12-bit
DAC
12-bit
DAC
DAC-H
Code
DAC-L
Code
CMPSS-A
12-bit
DAC
12-bit
DAC
DAC-H
Code
DAC-L
Code
CMPSS-A
INP-0
INM-0
INP-1
INM-1
INP-2
INM-2
CAL-0
CAL-1
ATB
12-bit
3 MSPS
12-bit
DAC
12-bit
DAC
DAC-H
Code
DAC-L
Code
CMPSS-A
Figure 5-5. CMPSS and ADC Connections
Note
The ADC sampling speed for AM261x is 3MSPS.
Table 5-5. Connectivity between ADC Inputs to CMPSS Signals
Signal/Pin Name
ADC Input
CMPSS Input
ADC0 Channels
ADC0_AIN0
ADC0:inp0 (+IN0)
CMPSSA0:inH (+IN)
ADC0_AIN1
ADC0:inm0 (-IN0)
CMPSSA0:inL (-IN)
ADC0_AIN2
ADC0:inp1 (+IN1)
CMPSSA1:inH (+IN)
ADC0_AIN3
ADC0:inm1 (-IN1)
CMPSSA1:inL (-IN)
ADC0_AIN4
ADC0:inp2 (+IN2)
CMPSSA2:inH (+IN)
ADC0_AIN5
ADC0:inm2 (-IN2)
CMPSSA2:inL (-IN)
ADC0_AIN6
ADC0:inm3 (-IN3)
X
ADC_CAL0
ADC0:inp3 (+IN3)
X
ADC1 Channels
ADC1_AIN0
ADC1:inp0 (+IN0)
CMPSSA2:inH (+IN)
ADC1_AIN1
ADC1:inm0 (-IN0)
CMPSSA2:inL (-IN)
ADC1_AIN2
ADC1:inp1 (+IN1)
CMPSSA3:inH (+IN)
ADC1_AIN3
ADC1:inm1 (-IN1)
CMPSSA3:inL (-IN)
ADC1_AIN4
ADC1:inp2 (+IN2)
CMPSSA4:inH (+IN)
ADC1_AIN5
ADC1:inm2 (-IN2)
CMPSSA4:inL (-IN)
ADC1_AIN6
ADC1:inm3 (-IN3)
X
ADC_CAL0
ADC1:inp3 (+IN3)
X
ADC2 Channels
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
54
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More