| Moteur de recherche de fiches techniques de composants électroniques |
|
AM261...ZEJQ1 Fiches technique(PDF) 181 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZEJQ1 Fiches technique(HTML) 181 Page - Texas Instruments |
|
181 / 218 page ![]() 6.11.5.15 Sigma Delta Filter Module (SDFM) For more information, see Sigma Delta Filter Module section in the device TRM. 6.11.5.15.1 SDFM Timing Conditions PARAMETER MODE MIN MAX UNIT INPUT CONDITIONS SRI Input Slew Rate Mode 0 0.5 5 V/ns 6.11.5.15.2 SDFM Switching Characteristics (2) NO. PARAMETER DESCRIPTION MODE MIN MAX UNIT M0-1 tc(SDC) Cycle time, SDx_Cy Mode 0 5P(1) 256P(1) ns M0-2 tw(SDCHL) Pulse duration, SDx_Cy (high/low) Mode 0 2P(1) ns M0-3 tsh(SDDV-SDCH) Setup time, SDx_Dy valid before SDx_Cy high Mode 0 2P(1) ns M0-4 th(SDCH-SDD) Hold time, SDx_Dy wait after SDx_Cy high Mode 0 2P(1) ns (1) P = SYSCLK period in ns. (2) Some SDFM signals are pinmuxed with I2C0 SDA and SCL pins. These pins use an alternate open drain voltage buffer and may not meet the specified parameters. Values are pending additional post-silicon validation. www.ti.com AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 181 Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |