| Moteur de recherche de fiches techniques de composants électroniques |
|
AM261...ZNC Fiches technique(PDF) 37 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZNC Fiches technique(HTML) 37 Page - Texas Instruments |
|
37 / 218 page ![]() Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued) ZCZ Ball Number [1] ZFG Ball Number [1] ZEJ Ball Number [1] ZNC Ball Number [1] Ball Name [2]/ IOMUX Register [14]/ ADDRESS [15]/ DEFAULT VALUE [16] Signal Name [3] Mux Mode [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] HYS [11] BUFFER TYPE [13] PULL TYPE [12] M18 T20 M16 T19 GPIO36 GPIO36_CFG_REG 0x5310 0090 0x0000 05F7 RGMII1_TX_CTL 0 O Off / Off / Off Off / Off / Off Mode7 1.8V/3.3V Yes LVCMOS PU/PD RMII1_TX_EN 1 O MII1_TX_EN 2 O OSPI1_D6 3 IO GPIO36 7 IO EQEP0_STROBE 8 IO P16 V18 N15 U18 GPIO37 GPIO37_CFG_REG 0x5310 0094 0x0000 05F7 RGMII1_TD0 0 O Off / Off / Off Off / Off / Off Mode7 1.8V/3.3V Yes LVCMOS PU/PD RMII1_TXD0 1 O MII1_TXD0 2 O OSPI1_D7 3 IO GPIO37 7 IO EQEP1_A 8 I P17 V20 N16 U19 GPIO38 GPIO38_CFG_REG 0x5310 0098 0x0000 05F7 RGMII1_TD1 0 O Off / Off / Off Off / Off / Off Mode7 1.8V/3.3V Yes LVCMOS PU/PD RMII1_TXD1 1 O MII1_TXD1 2 O OSPI1_CSn0 3 O GPIO38 7 IO EQEP1_B 8 I P18 U19 L13 R17 GPIO39 GPIO39_CFG_REG 0x5310 009C 0x0000 05F7 RGMII1_TD2 0 O Off / Off / Off Off / Off / Off Mode7 1.8V/3.3V Yes LVCMOS PU/PD RMII1_CRS_DV 1 I MII1_TXD2 2 O OSPI1_DQS 3 I GPIO39 7 IO EQEP1_STROBE 8 IO N17 T19 M15 T18 GPIO40 GPIO40_CFG_REG 0x5310 00A0 0x0000 05F7 RGMII1_TD3 0 O Off / Off / Off Off / Off / Off Mode7 1.8V/3.3V Yes LVCMOS PU/PD PR0_PRU0_GPIO7 1 IO MII1_TXD3 2 O OSPI1_ECC_FAIL 3 I UART4_TXD 4 O PR0_IEP0_EDC_SYNC_OUT1 5 O PR1_IEP0_EDC_SYNC_OUT1 6 O GPIO40 7 IO EQEP1_INDEX 8 IO N16 R17 L16 P18 GPIO41 GPIO41_CFG_REG 0x5310 00A4 0x0000 05F7 MDIO0_MDIO 0 IO Off / Off / Off Off / Off / Off Mode7 1.8V/3.3V Yes LVCMOS PU/PD MCAN1_RX 1 I OSPI1_RESET_OUT0 3 O GPIO41 7 IO www.ti.com AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 37 Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |