| Moteur de recherche de fiches techniques de composants électroniques |
|
AM6421 Fiches technique(PDF) 69 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6421 Fiches technique(HTML) 69 Page - Texas Instruments |
|
69 / 273 page ![]() Table 5-36. GPIO1 Signal Descriptions (continued) SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] GPIO1_12 IO General Purpose Input/Output AA3 GPIO1_13 IO General Purpose Input/Output R6 GPIO1_14 IO General Purpose Input/Output V4 GPIO1_15 IO General Purpose Input/Output T5 GPIO1_16 IO General Purpose Input/Output U4 GPIO1_17 IO General Purpose Input/Output U1 GPIO1_18 IO General Purpose Input/Output V1 GPIO1_19 IO General Purpose Input/Output W1 GPIO1_20 IO General Purpose Input/Output Y2 GPIO1_21 IO General Purpose Input/Output W2 GPIO1_22 IO General Purpose Input/Output V3 GPIO1_23 IO General Purpose Input/Output T4 GPIO1_24 IO General Purpose Input/Output W3 GPIO1_25 IO General Purpose Input/Output P4 GPIO1_26 IO General Purpose Input/Output R5 GPIO1_27 IO General Purpose Input/Output W5 GPIO1_28 IO General Purpose Input/Output R1 GPIO1_29 IO General Purpose Input/Output Y5 GPIO1_30 IO General Purpose Input/Output V6 GPIO1_31 IO General Purpose Input/Output W4 GPIO1_32 IO General Purpose Input/Output Y4 GPIO1_33 IO General Purpose Input/Output T6 GPIO1_34 IO General Purpose Input/Output U6 GPIO1_35 IO General Purpose Input/Output U5 GPIO1_36 IO General Purpose Input/Output AA4 GPIO1_37 IO General Purpose Input/Output V5 GPIO1_38 IO General Purpose Input/Output P5 GPIO1_39 IO General Purpose Input/Output R2 GPIO1_40 IO General Purpose Input/Output P2 GPIO1_41 IO General Purpose Input/Output P3 GPIO1_42 IO General Purpose Input/Output D12 GPIO1_43 IO General Purpose Input/Output C13 GPIO1_44 IO General Purpose Input/Output D13 GPIO1_45 IO General Purpose Input/Output A13 GPIO1_46 IO General Purpose Input/Output A14 GPIO1_47 IO General Purpose Input/Output B14 GPIO1_48 IO General Purpose Input/Output D14 GPIO1_49 IO General Purpose Input/Output C14 GPIO1_50 IO General Purpose Input/Output B15 GPIO1_51 IO General Purpose Input/Output A15 GPIO1_52 IO General Purpose Input/Output D15 GPIO1_53 IO General Purpose Input/Output C16 GPIO1_54 IO General Purpose Input/Output B16 GPIO1_55 IO General Purpose Input/Output A16 www.ti.com AM6442, AM6441, AM6422, AM6421, AM6412, AM6411 SPRSP56J – JANUARY 2021 – REVISED JUNE 2026 Copyright © 2026 Texas Instruments Incorporated Submit Document Feedback 69 Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411 |