Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M54HC4351 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce M54HC4351
Description  ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4351 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button M54HC4351 Datasheet HTML 8Page - STMicroelectronics M54HC4351 Datasheet HTML 9Page - STMicroelectronics M54HC4351 Datasheet HTML 10Page - STMicroelectronics M54HC4351 Datasheet HTML 11Page - STMicroelectronics M54HC4351 Datasheet HTML 12Page - STMicroelectronics M54HC4351 Datasheet HTML 13Page - STMicroelectronics M54HC4351 Datasheet HTML 14Page - STMicroelectronics M54HC4351 Datasheet HTML 15Page - STMicroelectronics M54HC4351 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Plastic DIP20 (0.25) MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.254
0.010
B
1.39
1.65
0.055
0.065
b
0.45
0.018
b1
0.25
0.010
D
25.4
1.000
E
8.5
0.335
e
2.54
0.100
e3
22.86
0.900
F
7.1
0.280
I
3.93
0.155
L
3.3
0.130
Z
1.34
0.053
P001J
M54/M74HC4351/4352/4353
12/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16