| Moteur de recherche de fiches techniques de composants électroniques |
|
M74HC423 Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M74HC423 Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 14 page ![]() FUNCTIONAL DESCRIPTION (continued) RE-TRIGGERED OPERATION When a second trigger pulse follows the first its effect will depend on the state of the multivibrator. If the capacitor Cx is being charged the voltage level of R/C external falls to Vrefl again and Q remains high i.e. the retrigger pulse arrives in a time shorter than the period Rx ⋅ Cx seconds, the capacitor charging time constant. If the second trigger pulse is very close to the initial trigger pulse it is ineffective ; i.e. the second trigger must arrive in the capacitor discharge cycle to be ineffective; Hence the minimum time for a second trigger to be effective depends on VCC and Cx. RESET OPERATION CL is normally high. If CL is low, the trigger is not effective because Q output goes low and trigger control flip-flop is reset. Also transistor Op is turned on and Cx is charged quicky to VCC. This means if CL input goes low, the IC becomes waiting state both in operating and non operating state. TRUTH TABLE INPUTS OUTPUTS NOTE AB CL Q Q H H OUTPUT ENABLE X L H L H INHIBIT H X H L H INHIBIT L H OUTPUT ENABLE X X L L H INHIBIT X: Don’t Care Z: High Impedance INPUT AND OUTPUT EQUIVALENT CIRCUIT M54/M74HC423/423A 4/14 |