| Moteur de recherche de fiches techniques de composants électroniques |
|
AP02/4 Fiches technique(PDF) 2 Page - United Automation Ltd. All rights reserved |
|
|
|||||||||||||||||||||||||||||
AP02/4 Fiches technique(HTML) 2 Page - United Automation Ltd. All rights reserved |
|
2 / 2 page ![]() X10622 TRIAC DRIVERS FC36MV DUAL Mode Firing Board 110V, 230V, 400V Three Phase Thyristor Driver BMF House - Wight Moss Way, Southport Business Park Southport PR8 4HQ ENGLAND, UNITED KINGDOM Contact Us: 0044 (0) 1704-516 501 enquiries@united-automation.com www.united-automation.com unitedautomationltd UA_Limited 1 July 2025 | Issue: 5 Page 2 of 2 RECOMMENDATIONS FUSING It is recommended to use semiconductor (fast acting) type fuses or circuit breakers (Semiconductor - MCB) for unit protection. On initial switch on some loads may need an increased Factor of Safety (F of S) for unit and/or device protection. See SRA datasheet for information. DOCUMENTS Other documents available on request, which may be appropriate for your application: Code Identity Description X10327 3-RFI 3-phase filter recommendations: Addressing the EMC Directive X10213 ITA Interaction: Uses for phase angle and for burst fire control X10255 SRA Safety Requirements: Addressing the Low Voltage Directive (LVD) including, Thermal Data/Cooling, Live Parts Warning, Earthing Requirements and Fusing Recommendations X20006 FC36MV FC36MV Operating User Manual X10652 CM-FC36M/MV Remote HMI programmer – Commander Module CM-(FC36M/MV) AP02/4 COS UAL Conditions of Sale It is recommended that installation and maintenance of this equipment should be done with reference to the current edition of the I.E.T. regulations (BS7671) by suitably qualified/trained personnel. The regulations contain important requirements regarding the safety of electrical equipment. For International standards refer STANDARDS on D of C. OPTIONAL EXTRAS Product Code Product Description A30102 FC36MV DIN Housing Kit J02001 RJ45 lead A402131 Commander Module United Automation can also supply Thyristors, fuse or Complete Assembled. For more details, please contact us enquiries@united-automation.com PRODUCT CODE AND RELATED PRODUCT CODE For 110V Product Code Product Description A34665 FC36MV (110V) A34665-DIN FC36MV (110V) c/w DIN housing For 230V Product Code Product Description A34433 FC36MV (230V) A34433-DIN FC36MV (230V) c/w DIN housing For 400V Product Code Product Description A34428 FC36MV (400V) A34428-DIN FC36MV (400V) c/w DIN housing |