Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT217 Fiches technique(PDF) 4 Page - Clarke International

No de pièce CAT217
Description  PISTOL GRIP PUNCH & FLANGE TOOL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARKE [Clarke International]
Site Internet  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAT217 Fiches technique(HTML) 4 Page - Clarke International

  CAT217 Datasheet HTML 1Page - Clarke International CAT217 Datasheet HTML 2Page - Clarke International CAT217 Datasheet HTML 3Page - Clarke International CAT217 Datasheet HTML 4Page - Clarke International CAT217 Datasheet HTML 5Page - Clarke International CAT217 Datasheet HTML 6Page - Clarke International CAT217 Datasheet HTML 7Page - Clarke International CAT217 Datasheet HTML 8Page - Clarke International CAT217 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
• Moving to another work area.
• Passing the tool to another person.
13. NEVER use the tool if it is defective or operating abnormally.
14. This tool should be serviced at regular intervals by qualified service
personnel.
15. Avoid damaging the tool for example by applying excessive force of any
kind.
16. ALWAYS maintain the tool with care. Keep it clean for the best and safest
performance.
17. Quick change couplings should not be located at the tool. They add
weight and could fail due to vibration.
18. DO NOT force or misuse the tool. It will do a better and safer job at the rate
for which it was designed.
19. DO NOT remove any labels. Damaged labels should be replaced.
20. This tool vibrates with use. Vibration may be harmful to your hands or arms.
Stop using the tool if discomfort, a tingling feeling or pain occurs. Seek
medical advice before resuming use.
HAZARDS SPECIFIC TO CUTTING/PUNCHING TOOLS
1. Be careful around all moving parts and pinch points. Always keep your
fingers away from the point of cutting.
2. Ensure material is properly supported during cutting. Use supports for long
material. Hold the material securely to prevent it tilting during the cut. Use
clamps or vices to hold the work piece whenever possible.
3. Take care of sharp edges produced by the work.
4. DO NOT use damaged punches. When replacing cutting tool parts, make
sure they are correctly and securely fitted.
5. Anticipate the unexpected tool movement due to a binding punch.
Release the trigger immediately if this occurs.
TRANSPORT & STORAGE
1. DO NOT carry the tool by the air hose.
2. NEVER carry an air tool with your finger on the trigger.
3. When not in use the air tool must be disconnected from the air supply and
stored in a dry place out of the reach of children.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16