| Moteur de recherche de fiches techniques de composants électroniques |
|
HT9B95B Fiches technique(PDF) 4 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT9B95B Fiches technique(HTML) 4 Page - Holtek Semiconductor Inc |
|
4 / 32 page ![]() Rev. 1.10 4 November 25, 2015 HT9B95A/B/G Pad Assignment for COG − HT9B95G 1 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 2 27 3 4 5 6 7 26 25 24 23 22 9 8 21 20 10 11 12 13 14 15 16 17 18 19 X Y (0,0) DUMMY DUMMY DUMMY DUMMY DUMMY DUMMY ALIGN_A DUMMY DUMMY DUMMY DUMMY DUMMY DUMMY ALIGN_B Pad Dimensions for COG Item Pad Number Size Unit X Y Chip size ─ 3108 1132 µm Chip thickness ─ 508 μm Pad pitch 1, 28~75 60 μm 2~7, 22~27 80 μm 9~20 >80 μm Bump size 1, 28~75 40 60 μm 2~7, 22~27 40 60 μm 9~20 67 67 μm Bump height All pad 18±3 μm |